Part Number Hot Search : 
L7104PGC TP6N60 2SD25 81KZF 2SC3419 LTC1054 MC34114P TPM401
Product Description
Full Text Search
 

To Download D8SB80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SHANGHAI SUNRISE ELECTRONICS CO., LTD. D8SB10 THRU D8SB100
SINGLE PHASE GLASS PASSIVATED SIP BRIDGE RECTIFIER
VOLTAGE: 100 TO 1000V CURRENT: 8.0A
FEATURES
* Glass passivated junction chip * Ideal for printed circuit board * Reliable low cost construction utilizing molded plastic technique * Surge overload rating: 175 A peak * High temperature soldering guaranteed: 250oC/10sec/ 0.375" (9.5mm) lead length at 5 lbs tension
TECHNICAL SPECIFICATION
D8-SB
MECHANICAL DATA
* Terminal: Plated leads solderable per MIL-STD 202E, method 208C * Case: UL-94 Class V-O recognized flame retardant epoxy * Polarity: Polarity symbol marked on body * Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Single-phase, half-wave, 60Hz, resistive or inductive load rating at 25oC, unless otherwise stated, for capacitive load,derate current by 20%)
RATINGS
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current (Ta=70oC) Peak Forward Surge Current (8.3ms single half sine-wave superimposed on rated load) Maximum Instantaneous Forward Voltage (at forward current 4.0A DC) Maximum DC Reverse Current (at rated DC blocking voltage) Ta=25oC o Ta=125 C
SYMBOL VRRM VRMS VDC IF(AV) IFSM VF IR TSTG,TJ
D8SB 10 100 70 100
D8SB 20 200 140 200
D8SB 40 400 280 400
D8SB 60 600 420 600
D8SB 80 800 560 800
D8SB UNITS 100 1000 V 700 V 1000 V
A A V A A
o
8.0 175 1.1 5 500 -55 to + 150
Storage and Operating Junction Temperature
C
http://www.sse-diode.com


▲Up To Search▲   

 
Price & Availability of D8SB80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X